PART |
Description |
Maker |
A3195EU A3195LLT 3195 A3195LU A3195 A3195ELT |
PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN 保护,高温,霍尔效应锁存主动下拉 SENSOR IC CAC ANALOG OUT 8-DIP PROTECTED. HIGH-TEMPERATURE. HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN Protected,High-Temperature,Oper-Collector Hall-Effect Latch(保护型,工作于高温,霍尔效应锁存器( PROTECTED/ HIGH-TEMPERATURE/ HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN PROTECTED HIGH-TEMPERATURE HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN From old datasheet system
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
SY10E155 SY10E155JC SY10E155JCTR SY100E155JC SY100 |
6-BIT 2:1 MUX-LATCH 100E SERIES, LOW LEVEL TRIGGERED D LATCH, TRUE OUTPUT, PQCC28 6-BIT 2:1 MUX-LATCH 10E SERIES, LOW LEVEL TRIGGERED D LATCH, TRUE OUTPUT, PQCC28
|
Micrel Semiconductor, Inc. MICREL[Micrel Semiconductor]
|
74LCXH16373 74LCXH16373MTD 74LCXH16373GX 74LCXH163 |
Low Voltage 16-Bit Transparent Latch with Bushold From old datasheet system 8-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ACQ57307 74ACTQ573SJ 74ACQ573 74ACQ573MTC 74ACQ5 |
Quiet Series Octal Latch with 3-STATE Outputs; Package: TSSOP; No of Pins: 20; Container: Tape & Reel ACT SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 Quiet Series⑩ Octal Latch with 3-STATE Outputs Quiet Series?Octal Latch with 3-STATE Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MC74HC4514 MC74HC4514DW MC74HC4514N ON1461 |
1-of-16 Decoder/Demultiplexer with Address Latch High-Performance Silicon-Gate CMOS From old datasheet system 1-OF-16 DECODER/DEMULTIPLEXER WLTH ADDRESS LATCH
|
ON Semi Motorola, Inc
|
TC4044BF TC4044BFN TC4044BP |
QUAD 3-STATE R/S LATCH (Quad NAND R/S Latch)
|
TOSHIBA
|
SN74LS75N SN54LS75 74LS75 SN54LS75J SN74LS75D |
8-Bit Serial-Input/Parallel-Output Shift Register; Package: TSSOP-14; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 LS SERIES, DUAL HIGH LEVEL TRIGGERED D LATCH, COMPLEMENTARY OUTPUT, CDIP16 4-BIT D LATCH
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
SLVG2.8 SLVG2.8TC SLVE2.8 SLVE2.8TC |
EPD TVS⑩ Diodes For ESD and Latch-Up Protection EPD TVS Diodes For ESD and Latch-Up Protection EPD TVSDiodes For ESD and Latch-Up Protection 环保署二极管⑩二极管ESD和锁定保 EPD TVS??Diodes For ESD and Latch-Up Protection
|
Semtech Corporation Semtech, Corp.
|
74ABT16373 74ABT16373CMTD 74ABT16373CSSC 74ABT1637 |
8-Bit D-Type Latch 16-Bit Transparent D-Type Latch with 3-STATE Outputs From old datasheet system 16-Bit Transparent Latch with 3-STATE Outputs
|
锁存 Fairchild Semiconductor
|
MC74HCT573A06 MC74HCT573AN MC74HCT573A MC74HCT573A |
Octal 3-State Inverter Transceiver/Latch; Package: 20 LEAD PDIP; No of Pins: 20; Container: Rail; Qty per Container: 18 HCT SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDIP20 Octal 3−State Noninverting Transparent Latch with LSTTL Compatible Inputs
|
ONSEMI[ON Semiconductor]
|